PART |
Description |
Maker |
HGT1S11N120CNS HGTP11N120CN HGTG11N120CN HGT1S11N1 |
43A, 1200V, NPT Series N-Channel IGBT 43 A, 1200 V, N-CHANNEL IGBT, TO-263AB Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 3300uF; Voltage: 25V; Case Size: 16x25 mm; Packaging: Bulk 43 A, 1200 V, N-CHANNEL IGBT, TO-220AB 43A/ 1200V/ NPT Series N-Channel IGBT 43A 1200V NPT Series N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGT1S10N12 HGT1S10N120BNS HGTP10N120BN HGTG10N120B |
From old datasheet system 35A 1200V NPT Series N-Channel IGBT 35A/ 1200V/ NPT Series N-Channel IGBT 36 MACROCELL 3.3 VOLT ISP CPLD 35 A, 1200 V, N-CHANNEL IGBT, TO-247 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, N-CHANNEL IGBT
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
6MBP100VEA120-50 |
IGBT MODULE (V series) 1200V / 100A / IPM
|
Fuji Electric
|
7MBP150VEA120-50 |
IGBT MODULE (V series) 1200V / 150A / IPM
|
Fuji Electric
|
6MBP200VEA120-50 |
IGBT MODULE (V series) 1200V / 200A / IPM
|
Fuji Electric
|
6MBP25VBA120-50 |
IGBT MODULE (V series) 1200V / 25A / IPM
|
Fuji Electric
|
6MBP150VEA120-50 |
IGBT MODULE (V series) 1200V / 150A / IPM
|
Fuji Electric
|
6MBI100UB-120 |
IGBT Module U-Series 1200V / 100A 6 in one-package
|
List of Unclassifed Manufacturers ETC[ETC]
|
1MBI600UB-120 |
IGBT Module U-Series 1200V / 600A 1 in one-package
|
List of Unclassifed Manufacturers ETC
|
2MBI300VH-120-50 |
IGBT MODULE (V series) 1200V / 300A / 2 in one package
|
Fuji Electric
|
2MBI300UD-120 |
1200V / 300A 2 in one-package IGBT Module U-Series
|
List of Unclassifed Manufacturers ETC[ETC]
|